Part Number Hot Search : 
SA100 Z25A2 3843A RT8239A 01B32AM CY3670 IT130 FCH47N6
Product Description
Full Text Search
 

To Download MC35001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC33001/A/B MC34001/A/B MC35001/A/B GENERAL PURPOSE SINGLE JFET OPERATIONAL AMPLIFIERS
.LOW .WI .LOW .OUTPUT .HI .I .LATCH .HI
POWER CONSUMPTION DE COMMON-MODE (UP TO VCC+) AND DIFFERENTIAL VOLTAGE RANGE INPUT BIAS AND OFFSET CURRENT SHORT-CIRCUIT PROTECTION GH INPUT IMPEDANCE J-FET INPUT STAGE NTERNAL FREQUENCY COMPENSATION UP FREE OPERATION GH SLEW RATE : 16V/s (typ)
N DIP8 (Plastic Package)
D SO8 (Plastic Micropackage)
DESCRIPTION These circuits are high speed J-FET input single operational amplifiers incorporating well matched, high voltage J-FET and bipolar transistors in a monolithic integrated circuit. The devices feature high slew rates, low input bias and offset current, and low offset voltage temperature coefficient. PIN CONNECTIONS (top view) ORDER CODES
Part Number MC34001/A/B MC33001/A/B MC35001/A/B Temperature
o o 0 C, +70 C o o -40 C, +105 C
Package N * * * D * *
33001-01.TBL
*
-55 C, +125 C
o
o
1
2 -
8 7
6
3
4
+
1 2 3 4 5 6 7 8
-
Offset Null 1 Inverting input Non-inverting input VCCOffset Null 2 Output VCC+ N.C.
5
April 1995
1/9
MC33001/A/B - MC34001/A/B - MC35001/A/B
SCHEMATIC DIAGRAM
V CC
Non-inverting input Inverting input
100
200 Output
100 30k
8.2k
1.3k V CC
35k
1.3k
35k
100
Offset Null1
Offset Null2
INPUT OFFSET VOLTAGE NULL CIRCUITS
MC34001
N1
N2 100k V CC
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI Vid Ptot Toper Supply Voltage - (note 1) Input Voltage - (note 3) Differential Input Voltage - (note 2) Power Dissipation Output Short-circuit Duration (note 4) Operating Free Air Temperature Range MC34001, A, B MC33001, A, B MC35001, A, B Parameter Value 18 15 30 680 Infinite
33001-02.TBL
33001-04.EPS
Unit V V V mW
o
0 to 70 -40 to 105 -55 to 125 -65 to 150
C
Tstg
Notes :
Storage Temperature Range
o
C
1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference level is the midpoint between VCC+ and VCC-. 2. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less. 4. The output may be shorted to ground or to either supply. Temperature and /or supply voltages must be limited to ensure that the dissipation rating is not exceeded.
2/9
33001-03.EPS
MC33001/A/B - MC34001/A/B - MC35001/A/B
ELECTRICAL CHARACTERISTICS VCC = 15V, Tamb = 25oC (unless otherwise specified)
Symbol Parameter Input Offset Voltage (RS 10k) Tamb = 25oC MC35001B, MC34001B, MC33001B MC35001A, MC34001A, MC33001A Tmin. Tamb Tmax. MC35001B, MC34001B, MC33001B MC35001A, MC34001A, MC33001A Input Offset Voltage Drift Input Offset Current * Tamb = 25oC Tmin. Tamb Tmax. Input Bias Current * Tamb = 25oC Tmin. Tamb Tmax. Large Signal Voltage Gain (RL = 2k, VO = 10V) Tamb = 25oC Tmin. Tamb Tmax. Supply Voltage Rejection Ratio (RS 10k) Tamb = 25oC Tmin. Tamb Tmax. Supply Current, no Load o Tamb = 25 C Tmin. Tamb Tmax. Input Common Mode Voltage Range Common Mode Rejection Ratio (RS 10k) Tamb = 25oC Tmin. Tamb Tmax. Output Short-circuit Current Tamb = 25oC Tmin. Tamb Tmax. Output Voltage Swing o Tamb = 25 C Tmin. Tamb Tmax. SR tr KOV GBP Ri THD en m RL RL RL RL = = = = 2k 10k 2k 10k 11 50 25 80 80 MC35001A,B MC33001A,B MC34001A,B Min. Vio Typ. Max. Min. MC35001 MC33001 MC34001 Typ. 3 3 0.4 5 2 13 7 4 10 5 100 4 200 20 25 15 70 70 2.5 2.8 11 10 5 100 4 200 20 V/oC pA nA pA nA V/mV 200 200 dB 86 86 mA 1.4 +15 -12 86 1.4 +15 -12 86 mA 10 10 10 12 10 12 12 40 60 60 10 10 10 12 10 12 12 40 60 60 V 12 13.5 12 13.5 2.5 2.8 V dB 80 80 70 70 Max. mV 10 Unit
DVio Iio
Iib
20
20
Avd
SVR
ICC
Vicm CMR
Ios VOPP
Slew Rate (Vin = 10V, RL = 2k, CL = 100pF, Tamb = 25oC, unity gain) Rise Time (Vin = 20mV, RL = 2k, CL = 100pF, o Tamb = 25 C, unity gain) Overshoot (Vin = 20mV, RL = 2k, CL = 100pF, Tamb = 25oC, unity gain) Gain Bandwidth Product (f = 100kHz, Tamb = 25oC, Vin = 10mV, RL = 2k, CL = 100pF) Input Resistance Total Harmonic Distortion (f = 1kHz, AV = 20dB, o RL = 2k, CL = 100pF, Tamb = 25 C, VO = 2VPP) Equivalent Input Noise Voltage (f = 1kHz, Rs = 100) Phase Margin
V/s 16 0.1 10 2.5 4 1012 0.01 15 45 2.5 16 s 0.1 % 10 MHz 4 1012 0.01 15 45
33001-03.TBL
% nV Hz Degrees
* The input bias currents are junction leakage currents which approximately double for every 10oC increase in the junction temperature.
3/9
MC33001/A/B - MC34001/A/B - MC35001/A/B
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREQUENCY MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREQUENCY
30
30
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE (V)
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE (V)
V CC = 25 20 V CC = 15 10 5 0 100 1K V CC =
15V
R L = 2 k T a m b = + 2 5 C S ee Figure 2
R L= 10k
25 20 15 10 5 0 100
VCC= VCC=
15V
10V
T a m b = +25 C Se e Figure 2
10V
VCC=
5V
5V
10K
100K
1M
10M
33001-05.EPS
1K
10K
100K
1M
10M
33001-06.EPS
FREQUENCY (Hz)
FREQUENCY (Hz)
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREQUENCY
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREE AIR TEMP.
30
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE (V)
25 20 15
R L = 2k See Figure 2
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE (V)
Tamb = +25C
V CC =
15V
30 25 20 15 10 5 0 V C C = 15 V See Fi gure 2 -75 -5 0 -25 0 25 50 75 -5 0 125
33001-08.EPS
R L = 1 0 k R L = 2 k
Tamb = -55C
10 5 0
Tamb = +125C 10k 40k 100k 400k 1M 4M 10M
33001-07.EPS
FREQUENCY (Hz)
TE MP ER AT UR E ( C)
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS LOAD RESISTANCE
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS SUPPLY VOLTAGE
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE (V)
25
V CC = 15V
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE (V)
30
Tamb = +25C See Figure 2
30 25
RL = 10 k Tamb = +25C
20
15 10
20
15 10
5
0
0.1 0.2 0.4 0.7 1 2 4 7 10
33001-09.EPS
5
0 2 4 6 8 10 12 SUPPLY VOLTAGE ( V) 14 16
33001-10.EPS
LOAD RESISTANCE (k )
4/9
MC33001/A/B - MC34001/A/B - MC35001/A/B
INPUT BIAS CURRENT VERSUS FREE AIR TEMPERATURE LARGE SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION VERSUS FREE AIR TEMPERATURE
100 V CC = 15V
DIFFERENTIAL VOLTAGE AMPLIFICATION (V/V)
1000 400 200 100 40 20 10 4 2 1
33001-11.EPS
INPUT BIAS CURRENT (nA)
10 1 0.1
V CC = 15V V O = 10V R L = 2k -50
TEMPERATURE (C)
TEMPERATURE (C)
LARGE SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE SHIFT VERSUS FREQUENCY
TOTAL POWER DISSIPATION VERSUS FREE AIR TEMPERATURE
DIFFERENTIAL VOLTAGE AMPLIFICATION (V/V)
105 4 10
0
3 10 102
101 1
PHASE SHIFT (right scale)
DIFFERENTIAL VOLTAGE AMPLIFICATION (left scale)
45
90 135
10
100
1k
10k
100k
1M
180 10M
33001-13.EPS
TOTAL POWER DISSIPATION (mW)
6 10
VCC = 5V to 15V RL = 2k Tamb = +25 C
250 225 200 175 150 125 100 75 50 25 0 -75 -50 -25 0 25 50 TEMPERATURE (C)
V CC = 15V No signal No load
FREQUENCY (Hz)
SUPPLY CURRENT PER AMPLIFIER VERSUS FREE AIR TEMPERATURE
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -75 -50 -25 0 25 50 TEMPERATURE (C)
SUPPLY CURRENT PER AMPLIFIER VERSUS SUPPLY VOLTAGE
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
SUPPLY CURRENT (mA)
SUPPLY CURRENT (mA)
V CC = 15V No signal No load
Tamb = +25C No signal No load
33001-15.EPS
5/9
33001-16.EPS
75
100
125
2
4 6 10 12 14 8 SUPPLY VOLTAGE ( V)
16
33001-14.EPS
75
100
125
33001-12.EPS
0.01 -50
-25
0
25
50
75
100
125
-75
-25
0
25
50
75
100
125
MC33001/A/B - MC34001/A/B - MC35001/A/B
COMMON MODE REJECTION RATIO VERSUS FREE AIR TEMPERATURE VOLTAGE FOLLOWER LARGE SIGNAL PULSE RESPONSE
89
6
COMMON MODE MODE REJECTION RATIO (dB)
INPUT AND OUTPUT VOLTAGES (V)
88 87 86 85 84 83 -75
R L = 10 k VC C = 15V
4 2 0 -2 -4 -6 0
V C C=
OUTPUT INPUT
15V R L = 2 k C L = 100pF T a m b = +25 C
-50
-25
0
25
50
75
100
125
33001-17.EPS
0.5
1
1.5 TIME ( s)
2
2.5
3
3.5
33001-18.EPS
TEMPERATURE (C)
OUTPUT VOLTAGE VERSUS ELAPSED TIME
EQUIVALENT INPUT NOISE VOLTAGE VERSUS FREQUENCY
28 24
70
OVERSHOOT
OUTPUT VOLTAGE (mV)
60
90%
20 16 12 8 4
10%
EQUIVALENT INPUT NOISE VOLTAGE (nV/VHz)
50 40 30 20 10 0 10 40 100 400 1k
VCC = 15V A V = 10 R S = 100 T amb = +25C
V
0 -4 0
tr 0.1 0.2 0.3 0.4 TIME ( s)
R L = 2k Tamb = +25C 0.5 0.6 0.7
33001-19.EPS
CC
= 15V
4k
10k
40k 100k
33001-20.EPS
FREQUENCY (Hz)
TOTAL HARMONIC DISTORTION VERSUS FREQUENCY
1
TOTAL HARMONIC DISTORTION (%)
0.4 0.1 0.04 0.01 0.004 0.001 100
V V = = 15V 15V CC CC 1 A A V= = 1 V V V O (rms) = 6V O (rms) = 6V T amb = = +25C T amb +25C
400
1k
4k
10k
40k
100k
33001-21.EPS
FREQUENCY (Hz)
6/9
MC33001/A/B - MC34001/A/B - MC35001/A/B
PARAMETER MEASUREMENT INFORMATION Figure 1 : Voltage Follower Figure 2 : Gain-of-10 Inverting Amplifier
10k
eI
1k M C34001 eo
MC34001
eo
eI
CL = 100pF
RL = 2k
RL
C L = 100pF
TYPICAL APPLICATIONS (0.5Hz) SQUARE WAVE OSCILLATOR
R F = 100k
3.3k +15V MC34001 1k C F= 3.3 F -15V 3.3k 1
33001-22.EPS
9.1k
33001-24.EPS
f osc =
2 x R F CF
HIGH Q NOTCH FILTER
M C34001 R1 R2 fo = 1 = 1kHz 2 x R 1 C1
C3 C3 = 100pF 2 R1 + R2 + 2R3 + 1.5M C1 = C2 =
33001-25.EPS
R3
C1
C2
7/9
33001-23.EPS
MC33001/A/B - MC34001/A/B - MC35001/A/B
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC DIP
e4
A a1
I
b1
b Z
B B1 e e3 D Z
L
E
8
5
F
1
4
Dimensions A a1 B b b1 D E e e3 e4 F i L Z
Min. 0.51 1.15 0.356 0.204 7.95
Millimeters Typ. 3.32
Max.
Min. 0.020 0.045 0.014 0.008 0.313
Inches Typ. 0.131
Max.
1.65 0.55 0.304 10.92 9.75 2.54 7.62 7.62 6.6 5.08 3.81 1.52
0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060
3.18
0.125
8/9
DIP8.TBL
PM-DIP8.EPS
MC33001/A/B - MC34001/A/B - MC35001/A/B
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
L
C
c1
a2
e3 D
E
M
8
5
Dimensions A a1 a2 a3 b b1 C c1 D E e e3 F L M S
Min. 0.1 0.65 0.35 0.19 0.25 4.8 5.8
Millimeters Typ.
Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45o (typ.) 5.0 6.2
Min. 0.004 0.026 0.014 0.007 0.010 0.189 0.228
Inches Typ.
Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244
1.27 3.81 3.8 0.4 4.0 1.27 0.6 8o (max.) 0.150 0.016
0.050 0.150 0.157 0.050 0.024
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics.
ORDER CODE :
(c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
9/9
SO8.TBL
PM-SO8.EPS
1
4
F
a1
s
b1
b
e
A
a3


▲Up To Search▲   

 
Price & Availability of MC35001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X